Part Number Hot Search : 
53100 BYT2B MMSZ7V5B VIT4045C YAAMUA BU401 BZX84B22 U4SB60
Product Description
Full Text Search
 

To Download SB2550FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SB2520FCT~SB2560FCT
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O. Flame Retardant Epoxy Molding Compound. * Exceeds environmental standards of MIL-S-19500/228 * Low power loss, high efficiency. * Low forwrd voltge, high current capability * High surge capacity. * For use in low voltage,high frequency inverters free wheeling , and polarlity protection applications. * In compliance with EU RoHS 2002/95/EC directives
20 to 60 Volts
CURRENT
25 Amperes
MECHANCEALDATA
* Case: ITO-220AB full Molded plastic * Terminals: Solder plated, solderable per MIL-STD-750, Method 2026 * Polarity: As marked. * Standard packaging: Any * Weight: 0.055 ounces, 1.5615 grams.
.027(.67) .022(.57)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a xi m um R M S V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e M a xi m um A ve r a g e F o r w a r d C ur r e nt a t T c = 7 5 OC P e a k F o r w a r d S ur g e C ur r e nt : 8 . 3 m s s i ng l e ha l f s i ne w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a xi m um F o r w a r d V o l t a g e a t 1 2 . 5 A , p e r l e g M a xi m um D C R e ve r s e C ur r e nt T J = 2 5 OC a t R a t e d D C B l o c k i ng V o l t a g e T J = 1 0 0 OC Ty p i c a l T h e r m a l R e s i s t a n c e O p e r a t i n g J u n c t i o n Te m p e r a t u r e R a n g e S t o r a g e Te m p e r a t u r e R a n g e
S YM B O L V RRM V RMS V DC IF ( A V ) IF S M VF IR R J C TJ T S TG
SB2520FCT SB2530FCT SB2540FCT SB2545FCT SB2550FCT SB2560FCT
U N IT S V V V A A
20 14 20
30 21 30
40 28 40 2 5 .0 200 0 .5 5
45 3 1 .5 45
50 35 50
60 42 60
0 .7 5 0 .1 100 2
O
V
0 .2 100
mA
C/W
O
-5 5 to +1 2 5
-5 5 to +1 5 0 -5 5 to +1 5 0
C C
O
NOTES: Both Bonding and Chip structure are available.
STAD-APR.27.2009 1
PAGE . 1
SB2520FCT~SB2560FCT
RATING AND CHARACTERISTIC CURVES
AVERAGE FORWARD CURRENT, Amps
PEAK FORWARD SURGE CURRENT, Amps
25.0 20.0 15.0 10.0 5.0 0 0
=20-30V =40-60V
240 210 180 150 120 90 60 30 0 1 2 5 10 20 50 100
8.3ms Single Half Since-Wave JEDEC Method
50
100
O
150
CASE TEMPERATURE, C
NO. OF CYCLE AT 60Hz
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
10
INSTANTANEOUS REVERSE CURRENT, mA
40
20-45V
1.0
TJ = 1 C 00
O
FORWARD CURRENT, Amps
10 8 6 4 2 1.0 .8 .6 .4 .2
0.1
TJ = 7 C 5
O
50-60V
0.01
TJ = 2 C 5
O
V RRM =20-40V V RRM =50-60V
TJ = 25 C Pulse Width = 300 us 1% Duty Cycle
O
.1
.001 0 20 40 60 80 100
.3
.4
.5
.6
.7
.8
0.9
1.0
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
FORWARD VOLTAGE, VOLTS
Fig.3- TYPICAL REVERSE CHARACTERISTICS
Fig.4- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
STAD-APR.27.2009 1
PAGE . 2


▲Up To Search▲   

 
Price & Availability of SB2550FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X